PART |
Description |
Maker |
SB10150FCT |
Schottky Pack: ITO-220AB
|
GULF SEMI
|
SB10100FCT |
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A Schottky Pack: ITO-220AB
|
Gulf Semiconductor
|
SB20100FCT |
Schottky Pack: ITO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
|
GULF SEMI Gulf Semiconductor
|
UERP20D |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
|
Gulf Semiconductor
|
UERB20D |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
|
Gulf Semiconductor
|
KRH10A20 KRH10A15 KRH10A10 KRH10A045 KRH10A06 FRH1 |
ITO-220AB 10.0 Ampere Insulated Dual Common Anode Schottky Barrier Rectifiers Unit : inch (mm)
|
Thinki Semiconductor Co...
|
SB20100CT-E |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
|
Gulf Semiconductor
|
SD103CWS-T1 SD103CWS-T3 SD103AWS-T1 SD103AWS-T3 SD |
BATTERY, DURACELL9V PK2 RECTIFIER SBR DUAL 30A 200V 200A-ifsm 980mV-vf 0.1mA-ir ITO-220AB 50/TUBE (SD103AWS - SD103CWS) SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
SB3045CT |
GPP-TO Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A
|
Gulf Semiconductor
|